Part Number Hot Search : 
00BGC 120EC DM74AL 74HC13 SMLJ11 TFS1019A KTC3790S CDB5342
Product Description
Full Text Search
 

To Download PJSD05CTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJSD05CTG
BI-DIRECTIONAL ESD PROTECTION DIODE
This Penta has been designed to Protect Sensitive Equipment against ESD and to prevent Latch-Up events in CMOS circuitry operating at 5Vdc and below.This offers an integrated solution to protect up to data line where the board space is a premium.
SPECIFICATION FEATURES
* 100W Power Dippsipation (8/20s Waveform) * Low Leakage Current,Maximum of 0.5A@5Vdc * Very low Clamping voltage * IEC 61000-4-2 ESD 15kV air, 8kV Contact Compliance * In compliance with EU RoHS 2002/95/EC directivess
APPLICATIONS
* Video I/O ports protection * Set Top Boxes * Portable Instrumentation * Case : SOD-723, Plastic * Terminals : Solderable per MIL-STD-750, Method 2026 * Approx. Weight : 0.0007gram * Marking : RB
MAXIMUM RATINGS
Rating Peak Pulse Power (8/20 s Waveform) Peak Pulse Current (8/20 s Waveform) ESD Voltage (HBM) O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
Symbol
Value 100 5.0 >25 -55 to 150
Units W A kV
O
PPP I PP V ESD
TJ , T S TG
C
ELECTRICAL CHARACTERISTICS (TA=25oC)
Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamping Voltage (8/20s) Clamping Voltage (8/20s) Off State Junction Capacitance Off State Junction Capacitance
Symbol VWRM VBR IR VC VC CJ CJ
Conditions
Min. -
Typ. -
Max. 5.0 7.82 0.5 12 15 30 25
Units V V A V V pF pF
I BR=1mA VR=3.5V I PP=1A I PP=4A 0 Vdc Bias f=1MHz 5 Vdc Bias f=1MHz
5.78 -
REV.0.5-FEB.25.2009
PAGE . 1
PJSD05CTG
TYPICAL CHARACTERISTICS
0
2
4
6
8
10
30 29 28 27 26 25 24 23 22
1
2
Fig.130
REV.0.5-FEB.25.2009
PAGE . 2
PJSD05CTG
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 8K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
REV.0.5-FEB.25.2009
PAGE . 3


▲Up To Search▲   

 
Price & Availability of PJSD05CTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X